PART |
Description |
Maker |
MT-12864A MT12864A |
MOSFET Driver IC; MOSFET Driver Type:Quad Drivers, Low Side H Bridge; Peak Output High Current, Ioh:1.2A; Rise Time:14ns; Fall Time, tf:13ns; Load Capacitance:1000pF; Package/Case:16-SOIC; No. of Drivers:4; Supply Voltage Max:18V RoHS Compliant: Yes MT12864A
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
UHD-402 UHD-403 UHD-406-1 UHD-407 UHD-407-1 UHD-40 |
Quad AND relay driver. Quad 2-input NOR power driver. Quad NAND relay driver. Quad 2-input AND power driver. POWER AND RELAY DRIVERS 电源和继电器驱动
|
Allegro MicroSystems List of Unclassifed Manufacturers ETC Electronic Theatre Controls, Inc.
|
HA13492 |
Drivers, 1.5 A, quad solenoid driver
|
Renesas Technology / Hitachi Semiconductor HITACHI[Hitachi Semiconductor]
|
LT1030 LT1030CJ 1030FB LT1030CS LT1030CN |
Hex Noninverting Drivers 14-SOIC 0 to 70 Quad Low Power Line Driver From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|
BUS-8553-15L BUS-8553-10S BUS-8553-53S BUS-8553-53 |
Mono 1W speaker and stereo 160mW headset BTL drivers with digital volume control 200W mono BASH® power amplifier 3 to 5.5 V, low power, up to 400 kbps RS-232 drivers and receivers Seven darlington array 通信集成电路 3 to 3.6 V, low power, up to 400 kbps RS-232 drivers and receivers 通信集成电路 /- 15 kV ESD protection 3 to 5.5 V low power, up to 250 kbps, RS-232 drivers and receivers 通信集成电路 /- 15 kV ESD protected, 3 to 5.5 V low power, up to 250 Kbps, RS-232 drivers and receivers 通信集成电路 CMOS quad 3-state differential line receiver 通信集成电路 Very low noise microphone preamplifier with 2.0V bias output and active low standby mode 通信集成电路 5 V powered multi-channel RS-232 drivers and receivers 通信集成电路 /-15KV ESD protected, Low power RS-485/RS-422 transceiver 3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver /-15 kV ESD protected, low power RS-485/RS-422 transceiver 2.5A high-side driver industrial intelligent power switch Interface circuit (relay and lamp driver) Programmable low voltage 1:10 differential LVDS clock driver Low power single CMOS timer HIGH SPEED DIFFERENTIAL LINE DRIVERS 360mW mono amplifier with standby mode /- 15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto-power-down /- 15 kV ESD protected 5 V RS-232 transceiver 60 V 6 A quad power half bridge /- 15KV ESD protected 2.3 to 5.5V, 400Kbps, RS-232 Transceiver with auto-powerdown 80V - 1.5A QUAD DARLINGTON SWITCHES 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors /- 15 kV ESD protected 3 to 5.5 V, 400 Kbps, RS-232 transceiver with auto power-down GENERAL PURPOSE SINGLE BIPOLAR TIMERS DUAL CHANNEL, 12-BIT, 20MSPS, 120MW, A/D CONVERTER Rail-to-rail input/output 20 MHz GBP operational amplifiers Quad channel high side driver Interface circuit - relay and lamp-driver High-voltage half bridge driver Quad high side smart Power solid state relay DELTA/SIGMA CASCADE 20 BIT STEREO DAC High-voltage high and low side driver Telecommunication IC DUAL CHANNEL, 10 BIT, 20/40MSPS A/D CONVERTER DUAL-CHANNEL, 12-BIT, 40MSPS A/D CONVERTER High side current sense amplifier 50V - 1.5A QUAD DARLINGTON SWITCHES
|
API Delevan Infineon Technologies AG Honeywell International, Inc. Black Box, Corp. Integrated Device Technology, Inc. Cypress Semiconductor, Corp. Electronic Theatre Controls, Inc.
|
ML6429CS-1 ML6429 ML6429CS |
75 Ohm Quad Video Cable Drivers and Filters with Switchable Inputs 75з Quad Video Cable Drivers and Filters with Switchable Inputs 75 Quad Video Cable Drivers and Filters with Switchable Inputs From old datasheet system 75?/a> Quad Video Cable Drivers and Filters with Switchable Inputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74VHC125BQ 74VHCT125PW |
Quad buffer-line driver; 3-state AHC/VHC/H/U/V SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PQCC14 Quad buffer-line driver; 3-state AHCT/VHCT/VT SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDSO14
|
NXP Semiconductors N.V.
|
TC4429 TC4420 |
The TC4420/4429 are 6A (peak),single output MOSFET drivers. The TC4429 is an inverting driver (pin-compatible with the TC429), while the TC4420 is a non-inverting driver. These drivers are fabricated in CMOS for lower power, more efficient IC,SINGLE MOSFET DRIVER,CMOS,DIP,8PIN,PLASTIC
|
Microchip
|
74ALVC16240 74ALVC16240MTD 74ALVC16240MTDX |
Quad 4-Bit Buffer/Driver ALVC/VCX/A SERIES, QUAD 4-BIT DRIVER, INVERTED OUTPUT, PDSO48 From old datasheet system Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
|
Fairchild Semiconductor, Corp.
|
BU9764FV |
Display Drivers LSIs > LCD Drivers > Plus driver for LCD driver
|
ROHM
|
LB11650H |
Brush Motor Drivers iForward/reverse driversj: Bidirectional motor driver PWM Input Forward/Reverse Motor Driver
|
Sanyo Semicon Device
|
LTC487INPBF LTC487ISTRPBF |
Quad Low Power RS485 Driver; Package: PDIP; No of Pins: 16; Temperature Range: -40°C to 85°C QUAD LINE DRIVER, PDSO16
|
LINEAR TECHNOLOGY CORP
|